Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download DURG57C-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) Per Segment or (DP) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UR (GaAsP /GaP) 20 (10) 30 (30) 160 (160) 300 (150) UG (GaP) 20 (10) 25 (25) 140 (140) 250 (125) Unit
Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment or (DP) (IF=10mA) Forward Voltage (Max.) Per Segment or (DP) (IF=10mA) Reverse Current Per Segment or (DP) (VR=20(10)V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 55490 52990 V3 627 565 Wavelength nm P
UR (GaAsP /GaP) VF 7.6 (3.8) 10.0 (5.0)
UG (GaP) 8.0 (4.0) 10.0 (5.0)
Unit
V
VF
V
V mA
IR
10
10
uA
iFS
mA
P
627
565
nm
PT TA Tstg
mW C
D
625
568
nm
-40 ~ +85 -40 ~ +85 260C For 3~5 Seconds
45
30
nm
C
15
15
pF
Part Number
Emitting Color
Emitting Material
Description
DURG57C-A
Red Green
GaAsP/GaP GaP
12000 12000
Common Cathode. Rt. Hand Decimal
Published Date : MAR 13,2008
Drawing No : SDSA2178
Checked : Shin Chi
P.1/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.2/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.3/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.4/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.5/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.6/7
www.SunLED.com
Part Number:
DURG57C-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DURG57C-A
Published Date : MAR 13,2008
Drawing No : SDSA2178
V3
Checked : Shin Chi
P.7/7


▲Up To Search▲   

 
Price & Availability of DURG57C-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X